Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA7420 Fiches technique(PDF) 16 Page - STMicroelectronics

No de pièce TDA7420
Description  MULTIFUNCTIONAUDIO PROCESSOR
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7420 Fiches technique(HTML) 16 Page - STMicroelectronics

Back Button TDA7420 Datasheet HTML 12Page - STMicroelectronics TDA7420 Datasheet HTML 13Page - STMicroelectronics TDA7420 Datasheet HTML 14Page - STMicroelectronics TDA7420 Datasheet HTML 15Page - STMicroelectronics TDA7420 Datasheet HTML 16Page - STMicroelectronics TDA7420 Datasheet HTML 17Page - STMicroelectronics TDA7420 Datasheet HTML 18Page - STMicroelectronics TDA7420 Datasheet HTML 19Page - STMicroelectronics TDA7420 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
TREBLE
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
110010
-18dB
110001
-17dB
110000
-16dB
101111
-15dB
101110
-14dB
101101
-13dB
101100
-12dB
101011
-11dB
101010
-10dB
101001
-9dB
101000
-8dB
100111
-7dB
100110
-6dB
100101
-5dB
100100
-4dB
100011
-3dB
100010
-2dB
100001
-1dB
100000
0dB
000000
0dB
000001
1dB
000010
2dB
000011
3dB
000100
4dB
000101
5dB
000110
6dB
000111
7dB
001000
8dB
001001
9dB
001010
10dB
001011
11dB
001100
12dB
001101
13dB
001110
14dB
001111
15dB
010000
16dB
010001
17dB
010010
18dB
TDA7420
16/29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29