Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA7420 Fiches technique(PDF) 15 Page - STMicroelectronics

No de pièce TDA7420
Description  MULTIFUNCTIONAUDIO PROCESSOR
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7420 Fiches technique(HTML) 15 Page - STMicroelectronics

Back Button TDA7420 Datasheet HTML 11Page - STMicroelectronics TDA7420 Datasheet HTML 12Page - STMicroelectronics TDA7420 Datasheet HTML 13Page - STMicroelectronics TDA7420 Datasheet HTML 14Page - STMicroelectronics TDA7420 Datasheet HTML 15Page - STMicroelectronics TDA7420 Datasheet HTML 16Page - STMicroelectronics TDA7420 Datasheet HTML 17Page - STMicroelectronics TDA7420 Datasheet HTML 18Page - STMicroelectronics TDA7420 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 29 page
background image
VOLUME
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
-1 dB STEPS
0
0
0
-0dB
0
0
1
-1dB
0
1
0
-2dB
0
1
1
-3dB
1
0
0
-4dB
1
0
1
-5dB
1
1
0
-6dB
1
1
1
-7dB
-8 dB STEPS
0000
16dB
0001
8dB
010
0dB
0
1
1
-8dB
1
0
0
-16dB
1
0
1
-24dB
1
1
0
-32dB
1
1
1
-40dB
1000
-48dB
1001
-56dB
1
Mute
TDA7420
15/29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29