| Moteur de recherche de fiches techniques de composants électroniques |
|
STZTA42 Fiches technique(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STZTA42 Fiches technique(HTML) 1 Page - STMicroelectronics |
|
1 / 4 page ![]() STZTA42 MEDIUM POWER AMPLIFIER ADVANCE DATA s SILICON EPITAXIAL PLANAR NPN TRANSISTORS s MINIATURE PLASTIC PACKAGE FOR APPLICATION IN SURFACE MOUNTING CIRCUITS s GENERAL PURPOSE MAINLY INTENDED FOR USE IN MEDIUM POWER INDUSTRIAL APPLICATION AND FOR AUDIO AMPLIFIER OUTPUT STAGE s PNP COMPLEMENT IS STZTA92 INTERNAL SCHEMATIC DIAGRAM October 1995 ABSOLUTE MAXIMUM RATINGS Symbol Parameter Value Unit VCBO Collector-Base Voltage (IE = 0) 300 V VCEO Collector-Emitter Voltage (IB = 0) 300 V VEBO Emitter-Base Voltage (IC = 0) 6 V IC Collector Current 0.1 A ICM Collector Peak Current 0.3 A Ptot Total Dissipation at Tc = 25 o C2 W Tstg Storage Temperature -65 to 150 oC Tj Max. Operating Junction Temperature 150 oC 1 2 2 3 SOT-223 1/4 |
Numéro de pièce similaire - STZTA42 |
|
Description similaire - STZTA42 |