| Moteur de recherche de fiches techniques de composants électroniques |
|
32170 Fiches technique(PDF) 21 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
32170 Fiches technique(HTML) 21 Page - Renesas Technology Corp |
|
21 / 881 page ![]() (13) 17.3 Example of RAM Backup for Saving Power Consumption ....................... 17-5 17.3.1 Normal Operating State .......................................................................... 17-6 17.3.2 RAM Backup State ................................................................................. 17-7 17.3.3 Precautions to Be Observed at Power-on .............................................. 17-8 17.4 Exiting RAM Backup Mode (Wakeup) ......................................................... 17-9 CHAPTER 18 OSCILLATION CIRCUIT 18.1 Oscillator Circuit ........................................................................................... 18-2 18.1.1 Example of an Oscillator Circuit .............................................................. 18-2 18.1.2 System Clock Output Function ............................................................... 18-3 18.1.3 Oscillation Stabilization Time at Power-on ............................................. 18-4 18.2 Clock Generator Circuit ................................................................................ 18-5 CHAPTER 19 JTAG 19.1 Outline of JTAG ............................................................................................. 19-2 19.2 Configuration of the JTAG Circuit ............................................................... 19-3 19.3 JTAG Registers ............................................................................................. 19-4 19.3.1 Instruction Register (JTAGIR) ................................................................. 19-4 19.3.2 Data Registers ........................................................................................ 19-5 19.4 Basic Operation of JTAG ............................................................................. 19-6 19.4.1 Outline of JTAG Operation ..................................................................... 19-6 19.4.2 IR Path Sequence ................................................................................... 19-8 19.4.3 DR Path Sequence ............................................................................... 19-10 19.4.4 Examining and Setting Data Registers ................................................. 19-12 19.5 Boundary Scan Description Language ..................................................... 19-14 19.6 Precautions on Board Design when Using JTAG .................................... 19-15 19.7 Processing Pins when Not Using JTAG ................................................... 19-17 CHAPTER 20 POWER-ON/POWER-SHUTDOWN SEQUENCE |