| Moteur de recherche de fiches techniques de composants électroniques |
|
32170 Fiches technique(PDF) 13 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
32170 Fiches technique(HTML) 13 Page - Renesas Technology Corp |
|
13 / 881 page ![]() (5) CHAPTER 10 MULTIJUNCTION TIMERS 10.1 Outline of Multijunction Timers ................................................................... 10-2 8.3.1 Port Data Registers .................................................................................... 8-8 8.3.2 Port Direction Registers ............................................................................ 8-10 8.3.3 Port Operation Mode Registers ................................................................ 8-12 8.4 Port Peripheral Circuits .................................................................................. 8-31 8.5 Precautions on Input/output Ports ................................................................ 8-35 CHAPTER 9 DMAC 9.1 Outline of the DMAC ......................................................................................... 9-2 9.2 DMAC Related Registers .................................................................................. 9-4 9.2.1 DMA Channel Control Register .................................................................. 9-6 9.2.2 DMA Software Request Generation Registers ......................................... 9-17 9.2.3 DMA Source Address Registers ............................................................... 9-18 9.2.4 DMA Destination Address Registers ........................................................ 9-19 9.2.5 DMA Transfer Count Registers ................................................................. 9-20 9.2.6 DMA Interrupt Request Status Registers .................................................. 9-21 9.2.7 DMA Interrupt Mask Registers .................................................................. 9-23 9.3 Functional Description of the DMAC ............................................................ 9-27 9.3.1 Cause of DMA Request ............................................................................ 9-27 9.3.2 DMA Transfer Processing Procedure ....................................................... 9-31 9.3.3 Starting DMA ............................................................................................ 9-32 9.3.4 Channel Priority ........................................................................................ 9-32 9.3.5 Gaining and Releasing Control of the Internal Bus ................................... 9-33 9.3.6 Transfer Units ........................................................................................... 9-33 9.3.7 Transfer Counts ........................................................................................ 9-33 9.3.8 Address Space ......................................................................................... 9-34 9.3.9 Transfer Operation .................................................................................... 9-34 9.3.10 End of DMA and Interrupt ....................................................................... 9-37 9.3.11 Status of Each Register after Completion of DMA Transfer ................... 9-37 9.4 Precautions about the DMAC ........................................................................ 9-38 |