Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

H8/3028F Fiches technique(PDF) 662 Page - Renesas Technology Corp

No de pièce H8/3028F
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3028F Fiches technique(HTML) 662 Page - Renesas Technology Corp

Back Button H8/3028F Datasheet HTML 658Page - Renesas Technology Corp H8/3028F Datasheet HTML 659Page - Renesas Technology Corp H8/3028F Datasheet HTML 660Page - Renesas Technology Corp H8/3028F Datasheet HTML 661Page - Renesas Technology Corp H8/3028F Datasheet HTML 662Page - Renesas Technology Corp H8/3028F Datasheet HTML 663Page - Renesas Technology Corp H8/3028F Datasheet HTML 664Page - Renesas Technology Corp H8/3028F Datasheet HTML 665Page - Renesas Technology Corp H8/3028F Datasheet HTML 666Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 662 / 923 page
background image
Rev. 2.00, 09/03, page 632 of 890
19.5.3
Usage Notes
The DIVCR setting changes the
φ frequency, so note the following points.
• Select a frequency division ratio that stays within the assured operation range specified for the
clock cycle time tcyc in the AC electrical characteristics. Note that φmin = lower limit of the
operating frequency range. Ensure that
φ is not below this lower limit.
• All on-chip module operations are based on φ. Note that the timing of timer operations, serial
communication, and other time-dependent processing differs before and after any change in
the division ratio. The waiting time for exit from software standby mode also changes when
the division ratio is changed. For details, see section 20.4.3, Selection of Waiting Time for Exit
from Software Standby Mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More