Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

H8/3028F Fiches technique(PDF) 660 Page - Renesas Technology Corp

No de pièce H8/3028F
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3028F Fiches technique(HTML) 660 Page - Renesas Technology Corp

Back Button H8/3028F Datasheet HTML 656Page - Renesas Technology Corp H8/3028F Datasheet HTML 657Page - Renesas Technology Corp H8/3028F Datasheet HTML 658Page - Renesas Technology Corp H8/3028F Datasheet HTML 659Page - Renesas Technology Corp H8/3028F Datasheet HTML 660Page - Renesas Technology Corp H8/3028F Datasheet HTML 661Page - Renesas Technology Corp H8/3028F Datasheet HTML 662Page - Renesas Technology Corp H8/3028F Datasheet HTML 663Page - Renesas Technology Corp H8/3028F Datasheet HTML 664Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 660 / 923 page
background image
Rev. 2.00, 09/03, page 630 of 890
VCC
STBY
EXTAL
φ (internal or
external)
RES
tDEXT
VIH
Figure 19.7 External Clock Output Settling Delay Timing
19.3
Duty Adjustment Circuit
When the oscillator frequency is 5 MHz or higher, the duty adjustment circuit adjusts the duty
cycle of the clock signal from the oscillator to generate
φ.
19.4
Prescalers
The prescalers divide the system clock (
φ) to generate internal clocks (φ/2 to φ/4096).
19.5
Frequency Divider
The frequency divider divides the duty-adjusted clock signal to generate the system clock (
φ). The
frequency division ratio can be changed dynamically by modifying the value in DIVCR, as
described below. Power consumption in the chip is reduced in almost direct proportion to the
frequency division ratio. The system clock generated by the frequency divider can be output at the
φ pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More