Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

H8/3028F Fiches technique(PDF) 659 Page - Renesas Technology Corp

No de pièce H8/3028F
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3028F Fiches technique(HTML) 659 Page - Renesas Technology Corp

Back Button H8/3028F Datasheet HTML 655Page - Renesas Technology Corp H8/3028F Datasheet HTML 656Page - Renesas Technology Corp H8/3028F Datasheet HTML 657Page - Renesas Technology Corp H8/3028F Datasheet HTML 658Page - Renesas Technology Corp H8/3028F Datasheet HTML 659Page - Renesas Technology Corp H8/3028F Datasheet HTML 660Page - Renesas Technology Corp H8/3028F Datasheet HTML 661Page - Renesas Technology Corp H8/3028F Datasheet HTML 662Page - Renesas Technology Corp H8/3028F Datasheet HTML 663Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 659 / 923 page
background image
Rev. 2.00, 09/03, page 629 of 890
Table 19.3 Clock Timing
VCC = 3.0 V to 3.6 V
Item
Symbol
Min
Max
Unit
Test Conditions
tEXL
0.3
0.7
tcyc
φ ≥ 5 MHz
External clock input low
pulse width
60
—
ns
φ < 5 MHz
tEXH
0.3
0.7
tcyc
φ ≥ 5 MHz
External clock input high
pulse width
60
—
ns
φ < 5 MHz
Figure
19.6
External clock rise time
tEXr
—
5
ns
Figure 19.6
External clock fall time
tEXf
—5
ns
0.4
0.6
tcyc
φ ≥ 5 MHz
Clock low pulse width
tCL
80
—
ns
φ < 5 MHz
0.4
0.6
tcyc
φ ≥ 5 MHz
Clock high pulse width
tCH
80
—
ns
φ < 5 MHz
Figure
21.11
External clock output
settling delay time
tDEXT*
500
—
µs
Figure 19.7
Note: * tDEXT includes a RES pulse width (tRESW). tRESW = 20 tcyc
EXTAL
tEXr
tEXf
VCC × 0.7
0.3 V
tEXH
tEXL
VCC × 0.5
Figure 19.6 External Clock Input Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More