Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

H8/3028F Fiches technique(PDF) 646 Page - Renesas Technology Corp

No de pièce H8/3028F
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3028F Fiches technique(HTML) 646 Page - Renesas Technology Corp

Back Button H8/3028F Datasheet HTML 642Page - Renesas Technology Corp H8/3028F Datasheet HTML 643Page - Renesas Technology Corp H8/3028F Datasheet HTML 644Page - Renesas Technology Corp H8/3028F Datasheet HTML 645Page - Renesas Technology Corp H8/3028F Datasheet HTML 646Page - Renesas Technology Corp H8/3028F Datasheet HTML 647Page - Renesas Technology Corp H8/3028F Datasheet HTML 648Page - Renesas Technology Corp H8/3028F Datasheet HTML 649Page - Renesas Technology Corp H8/3028F Datasheet HTML 650Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 646 / 923 page
background image
Rev. 2.00, 09/03, page 616 of 890
18.10.2 Notes on Use of PROM Mode
1. A write to a 128-byte programming unit in PROM mode should be performed once only.
Erasing must be carried out before reprogramming an address that has already been
programmed.
2. When using a PROM writer to reprogram a device on which on-board programming/erasing
has been performed, it is recommended that erasing be carried out before executing
programming.
3. The memory is initially in the erased state when the device is shipped by Renesas Technology.
For samples for which the erasure history is unknown, it is recommended that erasing be
executed to check and correct the initialization (erase) level.
4. The H8/3028F-ZTAT does not support a product identification mode as used with general-
purpose EPROMs, and therefore the device name cannot be set automatically in the PROM
writer.
5. Refer to the instruction manual provided with the socket adapter, or other relevant
documentation, for information on PROM writers and associated program versions that are
compatible with the PROM mode of the H8/3028F-ZTAT.
18.11 Flash Memory Programming and Erasing Precautions
Precautions concerning the use of on-board programming mode, the RAM emulation function, and
PROM mode are summarized below.
1. Use the specified voltages and timing for programming and erasing.
Applied voltages in excess of the rating can permanently damage the device. Use a PROM
programmer that supports the Renesas microcomputer device type “F-ZTAT512” with 512-
kbyte on-chip flash memory.
2. Powering on and off (see figures 18.16 to 18.18)
Do not apply a high level to the FWE pin until VCC has stabilized. Also, drive the FWE pin
low before turning off VCC.
When applying or disconnecting VCC power, fix the FWE pin low and place the flash memory
in the hardware protection state.
The power-on and power-off timing requirements should also be satisfied in the event of a
power failure and subsequent recovery. Failure to do so may result in overprogramming or
overerasing due to MCU runaway, and loss of normal memory cell operation.
3. FWE application/disconnection
FWE application should be carried out when MCU operation is in a stable condition. If MCU
operation is not stable, fix the FWE pin low and set the protection state.
The following points must be observed concerning FWE application and disconnection to
prevent unintentional programming or erasing of flash memory:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More