Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

H8/3028F Fiches technique(PDF) 588 Page - Renesas Technology Corp

No de pièce H8/3028F
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3028F Fiches technique(HTML) 588 Page - Renesas Technology Corp

Back Button H8/3028F Datasheet HTML 584Page - Renesas Technology Corp H8/3028F Datasheet HTML 585Page - Renesas Technology Corp H8/3028F Datasheet HTML 586Page - Renesas Technology Corp H8/3028F Datasheet HTML 587Page - Renesas Technology Corp H8/3028F Datasheet HTML 588Page - Renesas Technology Corp H8/3028F Datasheet HTML 589Page - Renesas Technology Corp H8/3028F Datasheet HTML 590Page - Renesas Technology Corp H8/3028F Datasheet HTML 591Page - Renesas Technology Corp H8/3028F Datasheet HTML 592Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 588 / 923 page
background image
Rev. 2.00, 09/03, page 558 of 890
FS
Offset error
Nonlinearity
error
Actual A/D conversion
characteristic
Analog input
voltage
Digital
output
Ideal A/D
conversion
characteristic
Full-scale
error
Figure 15.10 A/D Converter Accuracy Definitions (2)
7. Allowable Signal-Source Impedance: The analog inputs of the H8/3028 Group are designed to
assure accurate conversion of input signals with a signal-source impedance not exceeding 10
k
Ω. The reason for this rating is that it enables the input capacitor in the sample-and-hold
circuit in the A/D converter to charge within the sampling time. If the sensor output impedance
exceeds 10 k
Ω, charging may be inadequate and the accuracy of A/D conversion cannot be
guaranteed.
If a large external capacitor is provided in single mode, then the internal 10-k
Ω input
resistance becomes the only significant load on the input. In this case the impedance of the
signal source is not a problem.
A large external capacitor, however, acts as a low-pass filter. This may make it impossible to
track analog signals with high dv/dt (e.g. a variation of 5 mV/µs) (figure 15.11). To convert
high-speed analog signals or to use scan mode, insert a low-impedance buffer.
8. Effect on Absolute Accuracy: Attaching an external capacitor creates a coupling with ground,
so if there is noise on the ground line, it may degrade absolute accuracy. The capacitor must be
connected to an electrically stable ground, such as AVSS.
If a filter circuit is used, be careful of interference with digital signals on the same board, and
make sure the circuit does not act as an antenna.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More