| Moteur de recherche de fiches techniques de composants électroniques |
|
H8/3028F Fiches technique(PDF) 587 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3028F Fiches technique(HTML) 587 Page - Renesas Technology Corp |
|
587 / 923 page ![]() Rev. 2.00, 09/03, page 557 of 890 6. A/D Conversion Accuracy Definitions: A/D conversion accuracy in the H8/3028 Group is defined as follows: • Resolution:................... Digital output code length of A/D converter • Offset error: ................. Deviation from ideal A/D conversion characteristic of analog input voltage required to raise digital output from minimum voltage value 0000000000 to 0000000001 (figure 15.10) • Full-scale error: ........... Deviation from ideal A/D conversion characteristic of analog input voltage required to raise digital output from 1111111110 to 1111111111 (figure 15.10) • Quantization error: ...... Intrinsic error of the A/D converter; 1/2 LSB (figure 15.9) • Nonlinearity error:....... Deviation from ideal A/D conversion characteristic in range from zero volts to full scale, exclusive of offset error, full-scale error, and quantization error. • Absolute accuracy: ...... Deviation of digital value from analog input value, including offset error, full-scale error, quantization error, and nonlinearity error. 111 110 101 100 011 010 001 000 1/8 2/8 3/8 4/8 5/8 6/8 7/8 FS Quantization error Analog input voltage Digital output Ideal A/D conversion characteristic Figure 15.9 A/D Converter Accuracy Definitions (1) |