| Moteur de recherche de fiches techniques de composants électroniques |
|
H8/3028F Fiches technique(PDF) 586 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3028F Fiches technique(HTML) 586 Page - Renesas Technology Corp |
|
586 / 923 page ![]() Rev. 2.00, 09/03, page 556 of 890 AVCC *1 *1 VREF AN0 to AN7 AVSS Notes: 1. 2. Rin: input impedance Rin*2 100 Ω 0.1 µF 0.01 µF 10 µF Figure 15.7 Example of Analog Input Protection Circuit Table 15.5 Analog Input Pin Ratings Item Min Max Unit Analog input capacitance — 20 pF Allowable signal-source impedance — 10* k Ω Note: * When conversion time = 134 states, VCC = 3.0 V to 3.6 V, and φ ≤ 13 MHz. For details see section 21, Electrical Characteristics. 20 pF To A/D converter AN0 to AN7 10 k Ω Figure 15.8 Analog Input Pin Equivalent Circuit Note: Numeric values are approximate, except in table 15.5 |