| Moteur de recherche de fiches techniques de composants électroniques |
|
7733 Fiches technique(PDF) 336 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
7733 Fiches technique(HTML) 336 Page - Renesas Technology Corp |
|
336 / 940 page ![]() CONNECTING EXTERNAL DEVICES 7733 Group User’s Manual 12–11 Fig. 12.1.6 Operating waveform examples of signals which are input to or output from the external (1) q When external data bus is 16 bits wide (BYTE = “L” ) <16-bit data access> A0 to A7 Address A8/D8 to A15/D15 Data (odd) BHE E A0 (a) Access starting from even address ALE A16/D0 to A23/D7 Data (even) A0 to A7 A8/D8 to A15/D15 E (b) Access starting from odd address ALE Address Address Address Address Address Address Data (odd) <8-bit data access> A0 to A7 A16/D0 to A23/D7 E (d) Access to odd address ALE BHE A0 A8/D8 to A15/D15 A0 to A7 A16/D0 to A23/D7 E (c) Access to even address ALE BHE A0 A8/D8 to A15/D15 BHE A0 A16/D0 to A23/D7 Address Address Data (even) Address Address Address Address Address Address Data (even) Data (odd) 12.1 Signals required for accessing external devices |