| Moteur de recherche de fiches techniques de composants électroniques |
|
7733 Fiches technique(PDF) 337 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
7733 Fiches technique(HTML) 337 Page - Renesas Technology Corp |
|
337 / 940 page ![]() CONNECTING EXTERNAL DEVICES 7733 Group User’s Manual 12–12 Fig. 12.1.7 Operating waveform examples of signals which are input to or output from the external (2) q When external data bus is 8 bits wide (BYTE = “H” ) <8/16-bit data access> Note: When 16-bit data is accessed, the low-order 8 bits of data are accessed first, and then, the high-order 8 bits are accessed. E (f) Access starting from odd address ALE A0 to A7 BHE A0 A8 to A15 A16/D0 to A23/D7 E (e) Access starting from even address ALE A0 to A7 Address BHE A0 A8 to A15 A16/D0 to A23/D7 Data 8-bit data access 16-bit data access 8-bit data access 16-bit data access Address Address Address Address Address Data Address Address Address Address Address Address Data Data 12.1 Signals required for accessing external devices |