Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

7733 Fiches technique(PDF) 285 Page - Renesas Technology Corp

No de pièce 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Fiches technique(HTML) 285 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 281Page - Renesas Technology Corp 7733 Datasheet HTML 282Page - Renesas Technology Corp 7733 Datasheet HTML 283Page - Renesas Technology Corp 7733 Datasheet HTML 284Page - Renesas Technology Corp 7733 Datasheet HTML 285Page - Renesas Technology Corp 7733 Datasheet HTML 286Page - Renesas Technology Corp 7733 Datasheet HTML 287Page - Renesas Technology Corp 7733 Datasheet HTML 288Page - Renesas Technology Corp 7733 Datasheet HTML 289Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 285 / 940 page
background image
A-D CONVERTER
7733 Group User’s Manual
9–20
9.6 Repeat mode
•A-D operation mode selection bits (bits 4 and 3 at address 1E16) = “012”
In this mode, A-D conversion is repeatedly performed for the input voltage of one analog input pin.
No A-D conversion interrupt request occurs in this mode. The A-D conversion start flag (bit 6 at address
1E16) remains set to “1” until it is cleared to “0” by software. While the A-D conversion start flag = “1,” the
A-D converter repeats A-D conversion without a stop.
9.6.1 Setting for repeat mode
Figure 9.6.1 shows an initial setting example for registers related to the repeat mode.
9.6 Repeat mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More