| Moteur de recherche de fiches techniques de composants électroniques |
|
7733 Fiches technique(PDF) 282 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
7733 Fiches technique(HTML) 282 Page - Renesas Technology Corp |
|
282 / 940 page ![]() A-D CONVERTER 7733 Group User’s Manual 9–17 9.5 One-shot mode •A-D operation mode selection bits (bits 4 and 3 at address 1E16) = “002” In this mode, A-D conversion is once performed for the input voltage of one analog input pin. An A-D conversion interrupt request occurs when the A-D conversion is completed. Note that an A-D conversion interrupt cannot be used when the UART2 transmission/reception interrupt is used. 9.5.1 Setting for one-shot mode Figure 9.5.1 shows an initial setting example for registers related to the one-shot mode. When using interrupts, settings for enabling interrupts are required. For details, refer to chapter “4. INTERRUPTS.” 9.5 One-shot mode |