| Moteur de recherche de fiches techniques de composants électroniques |
|
7733 Fiches technique(PDF) 261 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
7733 Fiches technique(HTML) 261 Page - Renesas Technology Corp |
|
261 / 940 page ![]() SERIAL I/O 7733 Group User’s Manual 8–58 8.4 Clock asynchronous serial I/O (UART) mode [When not using interrupts] [When using interrupts] A UARTi receive interrupt request occurs when reception is completed. UARTi receive interrupt g This diagram indicates bits and registers required for processing. Refer to Figure 8.4.12 for details about the change of flag status and the occurrence timing of an interrupt request. Processing after reading out receive data UART0 receive buffer register (addresses 37 16, 3616) UART1 receive buffer register (addresses 3F 16, 3E16) UART2 receive buffer register (addresses 6B 16, 6A16) b15 b8 Reading out the receive data Read out the receive data b7 b0 0 0 0 0 0 0 0 UART0 transmit/receive control register 1 (address 35 16) UART1 transmit/receive control register 1 (address 3D 16) UART2 transmit/receive control register 1 (address 69 16) b7 b0 Receive completion flag 0: Reception is not completed. 1: Reception is completed. Checking the completion of reception 1 UART0 transmit/receive control register 1 (address 35 16) UART1 transmit/receive control register 1 (address 3D 16) UART2 transmit/receive control register 1 (address 69 16) b7 b0 Checking the error Framing error flag Parity error flag Error sum flag 0: No error is detected. 1: Error is detected. 1 UART0 transmit/receive control register 1 (address 35 16) UART1 transmit/receive control register 1 (address 3D 16) UART2 transmit/receive control register 1 (address 69 16) b7 b0 Checking the error Overrun error flag 0: No error is detected. 1: Error is detected. 1 Fig. 8.4.10 Processing after reception is completed |