| Moteur de recherche de fiches techniques de composants électroniques |
|
7733 Fiches technique(PDF) 440 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
7733 Fiches technique(HTML) 440 Page - Renesas Technology Corp |
|
440 / 940 page ![]() APPLICATIONS 7733 Group User’s Manual 17–33 17.2.3 Transmission/Reception example (UART mode, transfer data length = 8 bits) In this example, transmission/reception is performed with UART1 used (transfer data length = 8 bits). (1) Specifications UART mode is selected (transfer data length = 8 bits) An internal clock is selected. Baud rate = 9,600 bps Parity is disabled. 1 stop bit is selected. Pin TxD1’s output structure: CMOS output The sleep mode is invalid. Transmission start is determined by using a UART1 transmission interrupt. Receive data is read out by using a UART1 reception interrupt. Fig. 17.2.10 Connection example 17.2 Serial I/O RTS1 TXD1 RXD1 Port IN OUT M37733MHBXXXFP Peripheral IC |