| Moteur de recherche de fiches techniques de composants électroniques |
|
7733 Fiches technique(PDF) 437 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
7733 Fiches technique(HTML) 437 Page - Renesas Technology Corp |
|
437 / 940 page ![]() APPLICATIONS 7733 Group User’s Manual 17–30 17.2.2 Examples of transmission for several peripheral ICs (Clock synchronous serial I/O mode) In this example, transmission for three peripheral ICs is performed with UART0 used. (Note that simulta- neous transmission for several peripheral ICs is disabled.) (1) Specifications Clock synchronous serial I/O mode is selected. An internal clock is selected. Transfer rate = 2 MHz MSB first is selected. Transmit data is output at the falling edge of the transfer clock. Pin TxD0’s output structure: CMOS output Completion of transmission is determined by checking the transmission register empty flag. Fig. 17.2.7 Connection example 17.2 Serial I/O CLK0 CLK IN M37733MHBXXXFP Peripheral IC 1 CLKS0 CLK IN Peripheral IC 2 CLKS1 TXD0 CLK IN Peripheral IC 3 |