| Moteur de recherche de fiches techniques de composants électroniques |
|
7733 Fiches technique(PDF) 410 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
7733 Fiches technique(HTML) 410 Page - Renesas Technology Corp |
|
410 / 940 page ![]() APPLICATIONS 7733 Group User’s Manual 17–3 Table 17.1.1 Memory expansion models g For functions and operations of pins used in memory expansion, refer to chapter “12. CONNECTING EXTERNAL DEVICES.” For timing characteristics, refer to chapter“15. ELECTRICAL CHARACTERISTICS.” g In memory expansion, the address bus can be expanded up to 24 bits wide. Accordingly, be sure to strengthen the 7733 Group’s Vss line on the system. (Refer t o section “Appendix 8.Countermeasure examples against noise.”) Accessible area Memory expansion model 64 Kbytes (Max.) 16 Mbytes (Max.) External data bus BYTE BYTE 7733 Group BYTE 7733 Group BYTE 7733 Group 8 bits wide BYTE = “H” 16 bits wide BYTE = “L” Minimum model Medium model A Maximum model Memory expansion model Medium model B Memory expansion model Memory expansion model A0 to A15 16 D0 to D7 8 A0 to A15 Latch E D0 to D15 8 16 16 DQ A0 to A15+n D0 to D7 8 16+n E n DQ Latch Latch Latch E A0 to A15+n D0 to D15 8 16 n 16+n DQ E DQ P0 P1 P2 ALE BHE 7733 Group P0 P1 P2 P0 P1 P2 ALE ALE BHE P0 P1 P2 17.1 Memory expansion |