Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SH7713 Fiches technique(PDF) 100 Page - Renesas Technology Corp

No de pièce SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Fiches technique(HTML) 100 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 96Page - Renesas Technology Corp SH7713 Datasheet HTML 97Page - Renesas Technology Corp SH7713 Datasheet HTML 98Page - Renesas Technology Corp SH7713 Datasheet HTML 99Page - Renesas Technology Corp SH7713 Datasheet HTML 100Page - Renesas Technology Corp SH7713 Datasheet HTML 101Page - Renesas Technology Corp SH7713 Datasheet HTML 102Page - Renesas Technology Corp SH7713 Datasheet HTML 103Page - Renesas Technology Corp SH7713 Datasheet HTML 104Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 904 page
background image
Section 2 CPU
Rev.1.50 Aug. 30, 2006 Page 60 of 860
REJ09B0288-0150
Table 2.8
Logic Operation Instructions
Instruction
Instruction
Code
Operation
Privileged
Mode
Cycles
T Bit
AND
Rm,Rn
0010nnnnmmmm1001
Rn & Rm
→ Rn
1
AND
#imm,R0
11001001iiiiiiii
R0 & imm
→ R0
1
AND.B
#imm,@(R0,
GBR)
11001101iiiiiiii
(R0+GBR) & imm
→
(R0+GBR)
3
NOT
Rm,Rn
0110nnnnmmmm0111 ∼
Rm
→ Rn
1
OR
Rm,Rn
0010nnnnmmmm1011
Rn
Rm → Rn
1
OR
#imm,R0
11001011iiiiiiii
R0
imm → R0
1
OR.B
#imm,@(R0,
GBR)
11001111iiiiiiii
(R0+GBR)
imm → (R0+GBR) 
3
TAS.B
@Rn
0100nnnn00011011
If (Rn) is 0, 1
→ T; 1 → MSB of
(Rn)
4
Test result
TST
Rm,Rn
0010nnnnmmmm1000
Rn & Rm; if the result is 0, 1
→
T
1
Test result
TST
#imm,R0
11001000iiiiiiii
R0 & imm; if the result is 0, 1
→ T
1
Test result
TST.B
#imm,@(R0,
GBR)
11001100iiiiiiii
(R0 + GBR) & imm; if the result
is 0, 1
→ T
3
Test result
XOR
Rm,Rn
0010nnnnmmmm1010
Rn ^ Rm
→ Rn
1
XOR
#imm,R0
11001010iiiiiiii
R0 ^ imm
→ R0
1
XOR.B
#imm,@(R0,
GBR)
11001110iiiiiiii
(R0+GBR) ^ imm
→ (R0+GBR) 
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More