Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SH7713 Fiches technique(PDF) 77 Page - Renesas Technology Corp

No de pièce SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Fiches technique(HTML) 77 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 73Page - Renesas Technology Corp SH7713 Datasheet HTML 74Page - Renesas Technology Corp SH7713 Datasheet HTML 75Page - Renesas Technology Corp SH7713 Datasheet HTML 76Page - Renesas Technology Corp SH7713 Datasheet HTML 77Page - Renesas Technology Corp SH7713 Datasheet HTML 78Page - Renesas Technology Corp SH7713 Datasheet HTML 79Page - Renesas Technology Corp SH7713 Datasheet HTML 80Page - Renesas Technology Corp SH7713 Datasheet HTML 81Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 904 page
background image
Section 2 CPU
Rev.1.50 Aug. 30, 2006 Page 37 of 860
REJ09B0288-0150
2.3.3
Program Counter
The program counter (PC) stores the value obtained by adding 4 to the current instruction address.
There is no instruction to read the PC directly. Before an exception handling state is entered, the
PC is saved in the save program counter (SPC). Before a subroutine call is executed, the PC is
saved in the procedure register (PR). In addition, the PC can be used for PC relative addressing
mode.
Figure 2.5 shows the system register and program counter configurations.
MACH
MACL
31
0
PR
31
0
PC
31
0
Multiply and accumulate high and low registers (MACH/MACL)
Procedure register (PR)
Program counter (PC)
Figure 2.5 System Registers and Program Counter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More