| Moteur de recherche de fiches techniques de composants électroniques |
|
M30620ECFS Fiches technique(PDF) 261 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M30620ECFS Fiches technique(HTML) 261 Page - Renesas Technology Corp |
|
261 / 621 page ![]() Mitsubishi microcomputers M16C / 62 Group SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER CPU Rewrite Mode (Flash Memory Version) 246 Write 7116 Enter block address D6 = 0? NO Blocks locked Blocks not locked YES Start (Note) Note: Data bus bit 6. Read Lock Bit Status Command (7116) By writing the command code “7116” in the first bus cycle and then the block address of a flash memory block in the second bus cycle that follows, the system reads out the status of the lock bit of the specified block on to the data (D6). Figure 1.29.7 shows an example of a read lock bit program flowchart. Figure 1.29.7. Read lock bit status flowchart |