| Moteur de recherche de fiches techniques de composants électroniques |
|
M30620ECFS Fiches technique(PDF) 41 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M30620ECFS Fiches technique(HTML) 41 Page - Renesas Technology Corp |
|
41 / 621 page ![]() Mitsubishi microcomputers M16C / 62 Group SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER Memory Space Expansion Functions 26 The data bank register is made up of the bank selection bits (bits 5 through 3) and the offset bit (bit 2). The bank selection bits are used to set a bank number for accessing data lying between 4000016 and BFFFF16. Assigning 1 to the offset bit provides the means to set offsets covering 4000016. Figure 1.8.5 shows the memory location and chip select areas in expansion mode 2. _______ The area relevant to CS0 ranges from 4000016 through FFFFF16. As for the area from 4000016 through _______ BFFFF16, the bank number set by use of the bank selection bits are output from the output terminals CS3 _______ _______ _______ - CS1 only in accessing data. In fetching a program, bank 7 (1112) is output from CS3 - CS1. As for the _______ _______ area from C000016 through FFFFF16, bank 7 (1112) is output from CS3 - CS1 without regard to accessing data or to fetching a program. _______ _______ _______ In accessing an area irrelevant to CS0, a chip select signal CS3 (400016 - 7FFF16), CS2 (800016 - _______ 27FFF16), and CS1 (2800016 - 3FFFF16) is output depending on the address as in the past. Figure 1.8.6 shows an example of connecting the MCU with a 4-M byte ROM and to a 128-K byte SRAM. _______ _______ _______ _______ Connect the chip select of 4-M byte ROM with CS0. Connect M16C’s CS3, CS2, and CS1 with address inputs AD21, AD20, and AD19 respectively. Connect M16C’s output A19 with address input AD18. Fig- ure 1.8.7 shows the relationship between addresses of the 4-M byte ROM and those of M16C. An example of connecting the MCU with external memories in expansion mode 2 (M30622MC, Microprocessor mode) 17 8 D0 to D7 A0 to A16 A17 RD WR CS1 CS2 CS3 CS0 A19 DQ0 to DQ7 AD0 to AD16 AD17 AD18 AD19 OE CS DQ0 to DQ7 AD0 to AD16 S2 W OE S1 AD20 AD21 Note: If only one chip select terminal (S1 or S2) is present, decoding by use of an external circuit is required. In this mode, memory is banked every 512 K bytes, so that data access in differ- ent banks requires switching over banks. However, data on bank boundaries when offset bit = 0 can be ac- cessed successively by set- ting the offset bit to 1, be- cause in which case the memory address is offset by 4000016. For example, two bytes of data located at ad- dresses 0FFFFF 16 and 10000016 of 4-Mbyte ROM can be accessed succes- sively without having to change the bank bit by set- ting the offset bit to 1 and then accessing addresses 07FFFF16 and 80000016. On the other hand, the SRAM’s chip select assumes _______ that CS0=1 (not selected) _______ and CS2=0 (selected), so _______ connect CS0 with S2 and _______ ____ CS2 with S1. If the SRAM doesn’t have a bipolar chip select input terminal, decode _______ _______ CS0 and CS2 externally. Figure 1.8.6. An example of connecting the MCU with external memories in expansion mode 2 |