| Moteur de recherche de fiches techniques de composants électroniques |
|
M30620ECFS Fiches technique(PDF) 85 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M30620ECFS Fiches technique(HTML) 85 Page - Renesas Technology Corp |
|
85 / 621 page ![]() Mitsubishi microcomputers M16C / 62 Group SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER Precautions for Interrupts 70 ______ Figure 1.14.13. Switching condition of INT interrupt request Set the polarity select bit Clear the interrupt request bit to “0” Set the interrupt priority level to level 1 to 7 (Enable the accepting of INTi interrupt request) Set the interrupt priority level to level 0 (Disable INTi interrupt) Clear the interrupt enable flag to “0” (Disable interrupt) Set the interrupt enable flag to “1” (Enable interrupt) Example 1: INT_SWITCH1: FCLR I ; Disable interrupts. AND.B #00h, 0055h ; Clear TA0IC int. priority level and int. request bit. NOP ; Four NOP instructions are required when using HOLD function. NOP FSET I ; Enable interrupts. Example 2: INT_SWITCH2: FCLR I ; Disable interrupts. AND.B #00h, 0055h ; Clear TA0IC int. priority level and int. request bit. MOV.W MEM, R0 ; Dummy read. FSET I ; Enable interrupts. Example 3: INT_SWITCH3: PUSHC FLG ; Push Flag register onto stack FCLR I ; Disable interrupts. AND.B #00h, 0055h ; Clear TA0IC int. priority level and int. request bit. POPC FLG ; Enable interrupts. The reason why two NOP instructions (four when using the HOLD function) or dummy read are inserted before FSET I in Examples 1 and 2 is to prevent the interrupt enable flag I from being set before the interrupt control register is rewritten due to effects of the instruction queue. (5) Rewrite the interrupt control register • To rewrite the interrupt control register, do so at a point that does not generate the interrupt request for that register. If there is possibility of the interrupt request occur, rewrite the interrupt control register after the interrupt is disabled. The program examples are described as follow: • When a instruction to rewrite the interrupt control register is executed but the interrupt is disabled, the interrupt request bit is not set sometimes even if the interrupt request for that register has been gener- ated. This will depend on the instruction. If this creates problems, use the below instructions to change the register. Instructions : AND, OR, BCLR, BSET |