| Moteur de recherche de fiches techniques de composants électroniques |
|
M30620ECFS Fiches technique(PDF) 190 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M30620ECFS Fiches technique(HTML) 190 Page - Renesas Technology Corp |
|
190 / 621 page ![]() Mitsubishi microcomputers M16C / 62 Group SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER Programmable I/O Port 175 Figure 1.23.9. Port control register Port control register Symbpl Address When reset PCR 03FF16 0016 Bit name Function Bit symbol W R b7 b6 b5 b4 b3 b2 b1 b0 PCR0 Port P1 control register 0 : When input port, read port input level. When output port, read the contents of port P1 register. 1 : Read the contents of port P1 register though input/output port. Nothing is assigned. In an attempt to write to these bits, write “0”. The value, if read, turns out to be “0”. |