| Moteur de recherche de fiches techniques de composants électroniques |
|
R8C/15 Fiches technique(PDF) 194 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R8C/15 Fiches technique(HTML) 194 Page - Renesas Technology Corp |
|
194 / 277 page ![]() R8C/14 Group, R8C/15 Group 17. Programmable I/O Ports Rev.2.10 Jan 19, 2006 Page 182 of 253 REJ09B0164-0210 Figure 17.3 Configuration of Programmable I/O Ports (3) P4_5 Input to each peripheral function Port Latch Direction Register Data Bus Pull-Up Selection Digital Filter P4_6/XIN Data Bus Clocked Inverter(1) P4_7/XOUT Data Bus (Note 2) (Note 3) NOTES: 1. When CM05=1, CM10=1, or CM13=0, the clocked inverter is cutoff. 2. When CM10=1 or CM13=0, the feedback resistor is unconnected. 3. When CM05=CM13=1 or CM10=CM13=1, this pin is pulled up. 4. symbolizes a parasitic diode. Ensure the input voltage on each port will not exceed VCC. (Note 4) (Note 4) (Note 4) |