| Moteur de recherche de fiches techniques de composants électroniques |
|
R8C/15 Fiches technique(PDF) 190 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R8C/15 Fiches technique(HTML) 190 Page - Renesas Technology Corp |
|
190 / 277 page ![]() R8C/14 Group, R8C/15 Group 16. A/D Converter Rev.2.10 Jan 19, 2006 Page 178 of 253 REJ09B0164-0210 16.6 Inflow Current Bypass Circuit Figure 16.9 shows the Configuration of the Inflow Current Bypass Circuit, Figure 16.10 shows the Example of an Inflow Current Bypass Circuit where VCC or More is Applied. Figure 16.9 Configuration of the Inflow Current Bypass Circuit Figure 16.10 Example of an Inflow Current Bypass Circuit where VCC or More is Applied To the internal logic of the A/D Converter Unselected Channel Fixed to GND level Selected Channel External input latched into OFF OFF OFF ON ON ON To the internal logic of the A/D Converter Unselected Channel Leakage Current Generated Unaffected by leakage Leakage Current Generated Selected Channel Sensor Input OFF OFF ON ON ON OFF VCC or more |