| Moteur de recherche de fiches techniques de composants électroniques |
|
R8C/15 Fiches technique(PDF) 193 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R8C/15 Fiches technique(HTML) 193 Page - Renesas Technology Corp |
|
193 / 277 page ![]() R8C/14 Group, R8C/15 Group 17. Programmable I/O Ports Rev.2.10 Jan 19, 2006 Page 181 of 253 REJ09B0164-0210 Figure 17.2 Configuration of Programmable I/O Ports (2) P1_6, P1_7 Port Latch Direction Register Data Bus Pull-Up Selection P3_3 Port Latch Direction Register Data Bus Pull-Up Selection Digital Filter P3_4, P3_5, P3_7 “1” Port Latch Direction Register Data Bus Pull-Up Selection “1” Output from each peripheral function “1” Output from each peripheral function Output from each peripheral function Input to each peripheral function Input to each peripheral function Input to each peripheral function NOTES : 1. symbolizes a parasitic diode. Ensure the input voltage on each port will not exceed VCC. (Note 1) (Note 1) (Note 1) |