| Moteur de recherche de fiches techniques de composants électroniques |
|
32186 Fiches technique(PDF) 97 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
32186 Fiches technique(HTML) 97 Page - Renesas Technology Corp |
|
97 / 1032 page ![]() 3 ADDRESS SPACE 3-47 32185/32186 Group Hardware Manual Rev.1.10 REJ09B0235-0110 May 15, 07 3.5 EIT Vector Entry 3.5 EIT Vector Entry The EIT vector entry is located at the beginning of the internal ROM/external extension areas. The branch in- struction for jumping to the start address of each EIT event processing handler is written here. Note that it is the branch instruction and not the jump address itself that is written here. For details, see Chapter 4, “EIT.” H'0000 0040 H'0000 0044 H'0000 0048 H'0000 004C H'0000 0050 H'0000 0054 H'0000 0058 H'0000 005C H'0000 0060 H'0000 0064 H'0000 0068 H'0000 006C H'0000 0070 H'0000 0074 H'0000 0078 H'0000 007C H'0000 0080 H'0000 0090 H'0000 0030 H'0000 0020 H'0000 0010 H'0000 0000 H'0000 0034 H'0000 0038 H'0000 003C H'0000 0024 H'0000 0028 H'0000 002C H'0000 0004 H'0000 0008 H'0000 000C H'0000 0014 H'0000 0018 H'0000 001C TRAP0 TRAP1 TRAP2 TRAP3 TRAP4 TRAP5 TRAP6 TRAP7 TRAP8 TRAP9 TRAP10 TRAP11 TRAP12 TRAP13 TRAP14 TRAP15 AE (Address Exception) EI (External Interrupt) (Note 1) RI (Reset Interrupt) SBI (System Break Interrupt) RIE (Reserved Instruction Exception) FPE (Floating-Point Exception) 031 Note 1: When flash entry bit = 1 (flash E/W enable mode), the EI vector entry is located at H'0080 4000. Figure 3.5.1 EIT Vector Entry |