| Moteur de recherche de fiches techniques de composants électroniques |
|
32186 Fiches technique(PDF) 45 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
32186 Fiches technique(HTML) 45 Page - Renesas Technology Corp |
|
45 / 1032 page ![]() 2 CPU 2-9 32185/32186 Group Hardware Manual Rev.1.10 REJ09B0235-0110 May 15, 07 2.6.2 Data Formats (1) Data formats in registers The data sizes in the M32R-FPU registers are always words (32 bits). When loading byte (8-bit) or halfword (16-bit) data from memory into a register, the data is sign- extended (LDB, LDH instructions) or zero-extended (LDUB, LDUH instructions) to a word (32-bit) quantity before being loaded in the register. When storing data from a register into a memory, the 32-bit data, the 16-bit data on the LSB side and the 8-bit data on the LSB side of the register are stored into memory by the ST, STH and STB instruc- tions, respectively. Figure 2.6.2 Data Formats in Registers Rn b0 b31 <Load> Byte Rn b0 b31 Halfword Rn b0 b31 Word Sign-extended (LDB instruction) or zero-extended (LDUB instruction) From memory (LDB, LDUB instructions) <Store> Rn b0 b31 Byte Rn b0 b31 Halfword Rn b0 b31 Word To memory (STB instruction) To memory (STH instruction) To memory (ST instruction) From memory (LDH, LDUH instructions) From memory (LD instruction) Sign-extended (LDH instruction) or zero-extended (LDUH instruction) 24 16 24 16 2.6 Data Formats |