| Moteur de recherche de fiches techniques de composants électroniques |
|
H8/3021 Fiches technique(PDF) 303 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3021 Fiches technique(HTML) 303 Page - Renesas Technology Corp |
|
303 / 712 page ![]() 8. 16-Bit Integrated Timer Unit (ITU) Rev.2.00 Mar. 22, 2007 Page 279 of 684 REJ09B0352-0200 Contention between Buffer Register Write and Input Capture: If a buffer register is used for input capture buffering and an input capture signal occurs in the T 3 state of a write cycle, input capture takes priority and the write to the buffer register is not performed. See figure 8.69. φ Address Internal write signal Input capture signal GR BR BR address Buffer register write cycle T1 T2 T3 NX MN TCNT value Figure 8.69 Contention between Buffer Register Write and Input Capture |