| Moteur de recherche de fiches techniques de composants électroniques |
|
H8/3021 Fiches technique(PDF) 293 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3021 Fiches technique(HTML) 293 Page - Renesas Technology Corp |
|
293 / 712 page ![]() 8. 16-Bit Integrated Timer Unit (ITU) Rev.2.00 Mar. 22, 2007 Page 269 of 684 REJ09B0352-0200 Overflow signal H'FFFF H'0000 φ TCNT OVF OVI Figure 8.59 Timing of Setting of OVF 8.5.2 Clearing of Status Flags If the CPU reads a status flag while it is set to 1, then writes 0 in the status flag, the status flag is cleared. Figure 8.60 shows the timing. φ Address IMF, OVF TSR write cycle TSR address T1 T2 T3 Figure 8.60 Timing of Clearing of Status Flags |