| Moteur de recherche de fiches techniques de composants électroniques |
|
H8/3021 Fiches technique(PDF) 262 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3021 Fiches technique(HTML) 262 Page - Renesas Technology Corp |
|
262 / 712 page ![]() 8. 16-Bit Integrated Timer Unit (ITU) Rev.2.00 Mar. 22, 2007 Page 238 of 684 REJ09B0352-0200 Example of Synchronization: Figure 8.27 shows an example of synchronization. Channels 0, 1, and 2 are synchronized, and are set to operate in PWM mode. Channel 0 is set for counter clearing by compare match with GRB0. Channels 1 and 2 are set for synchronous counter clearing. The timer counters in channels 0, 1, and 2 are synchronously preset, and are synchronously cleared by compare match with GRB0. A three-phase PWM waveform is output from pins TIOCA 0, TIOCA1, and TIOCA 2. For further information on PWM mode, see section 8.4.4, PWM Mode. TIOCA 2 Time TIOCA 1 TIOCA 0 GRA2 H'0000 GRA1 GRB2 GRA0 GRB1 GRB0 Value of TCNT0 to TCNT2 Cleared by compare match with GRB0 Figure 8.27 Synchronization (Example) |