Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

H8/3021 Fiches technique(PDF) 255 Page - Renesas Technology Corp

No de pièce H8/3021
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3021 Fiches technique(HTML) 255 Page - Renesas Technology Corp

Back Button H8/3021 Datasheet HTML 251Page - Renesas Technology Corp H8/3021 Datasheet HTML 252Page - Renesas Technology Corp H8/3021 Datasheet HTML 253Page - Renesas Technology Corp H8/3021 Datasheet HTML 254Page - Renesas Technology Corp H8/3021 Datasheet HTML 255Page - Renesas Technology Corp H8/3021 Datasheet HTML 256Page - Renesas Technology Corp H8/3021 Datasheet HTML 257Page - Renesas Technology Corp H8/3021 Datasheet HTML 258Page - Renesas Technology Corp H8/3021 Datasheet HTML 259Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 255 / 712 page
background image
8. 16-Bit Integrated Timer Unit (ITU)
Rev.2.00 Mar. 22, 2007 Page 231 of 684
REJ09B0352-0200
⎯ External clock source
Bits TPSC2 to TPSC0 in TCR select an external clock input pin (TCLKA to TCLKD), and
its valid edge or edges are selected by bits CKEG1 and CKEG0. The rising edge, falling
edge, or both edges can be selected.
The pulse width of the external clock signal must be at least 1.5 system clocks when a
single edge is selected, and at least 2.5 system clocks when both edges are selected. Shorter
pulses will not be counted correctly.
Figure 8.18 shows the timing when both edges are detected.
φ
TCNT input
TCNT
External
clock input
N - 1
N
N + 1
Figure 8.18 Count Timing for External Clock Sources (when Both Edges are Detected)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More