Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

H8/3021 Fiches technique(PDF) 247 Page - Renesas Technology Corp

No de pièce H8/3021
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3021 Fiches technique(HTML) 247 Page - Renesas Technology Corp

Back Button H8/3021 Datasheet HTML 243Page - Renesas Technology Corp H8/3021 Datasheet HTML 244Page - Renesas Technology Corp H8/3021 Datasheet HTML 245Page - Renesas Technology Corp H8/3021 Datasheet HTML 246Page - Renesas Technology Corp H8/3021 Datasheet HTML 247Page - Renesas Technology Corp H8/3021 Datasheet HTML 248Page - Renesas Technology Corp H8/3021 Datasheet HTML 249Page - Renesas Technology Corp H8/3021 Datasheet HTML 250Page - Renesas Technology Corp H8/3021 Datasheet HTML 251Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 247 / 712 page
background image
8. 16-Bit Integrated Timer Unit (ITU)
Rev.2.00 Mar. 22, 2007 Page 223 of 684
REJ09B0352-0200
8.3
CPU Interface
8.3.1
16-Bit Accessible Registers
The timer counters (TCNTs), general registers A and B (GRAs and GRBs), and buffer registers A
and B (BRAs and BRBs) are 16-bit registers, and are linked to the CPU by an internal 16-bit data
bus. These registers can be written or read a word at a time, or a byte at a time.
Figures 8.6 and 8.7 show examples of word access to a timer counter (TCNT). Figures 8.8, 8.9,
8.10, and 8.11 show examples of byte access to TCNTH and TCNTL.
Internal data bus
CPU
H
L
Bus interface
H
L
Module
data bus
TCNTH
TCNTL
Figure 8.6 Access to Timer Counter (CPU Writes to TCNT, Word)
Internal data bus
CPU
H
L
Bus interface
H
L
Module
data bus
TCNTH
TCNTL
Figure 8.7 Access to Timer Counter (CPU Reads TCNT, Word)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More