Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

H8/3021 Fiches technique(PDF) 178 Page - Renesas Technology Corp

No de pièce H8/3021
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3021 Fiches technique(HTML) 178 Page - Renesas Technology Corp

Back Button H8/3021 Datasheet HTML 174Page - Renesas Technology Corp H8/3021 Datasheet HTML 175Page - Renesas Technology Corp H8/3021 Datasheet HTML 176Page - Renesas Technology Corp H8/3021 Datasheet HTML 177Page - Renesas Technology Corp H8/3021 Datasheet HTML 178Page - Renesas Technology Corp H8/3021 Datasheet HTML 179Page - Renesas Technology Corp H8/3021 Datasheet HTML 180Page - Renesas Technology Corp H8/3021 Datasheet HTML 181Page - Renesas Technology Corp H8/3021 Datasheet HTML 182Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 712 page
background image
7. I/O Ports
Rev.2.00 Mar. 22, 2007 Page 154 of 684
REJ09B0352-0200
7.6.3
Pin Functions in Each Mode
Modes 1, 3, 5, and 6: P6
5 to P63 function as bus control output pins. P60 is either a bus control
input pin or generic input/output pin, functioning as an output pin when bit P6
0DDR is set to 1 and
an input pin when this bit is cleared to 0. Figure 7.17 and table 7.9 indicate the pin functions in
modes 1, 3, 5, and 6.
Port 6
WR
RD
AS
P60 (input/output)/WAIT (input)
(output)
(output)
(output)
Figure 7.17 Pin Functions in Modes 1, 3, 5, and 6 (Port 6)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More