| Moteur de recherche de fiches techniques de composants électroniques |
|
H8/3021 Fiches technique(PDF) 150 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3021 Fiches technique(HTML) 150 Page - Renesas Technology Corp |
|
150 / 712 page ![]() 6. Bus Controller Rev.2.00 Mar. 22, 2007 Page 126 of 684 REJ09B0352-0200 Area 2 8-bit, three-state-access area Area 0 Area 1 Area 3 8-bit, two-state-access area Areas 4, 5, 6 Area 7 8-bit, three-state-access area (one auto-wait state) On-chip ROM EPROM Not used SRAM1, 2 Not used SRAM3 Not used On-chip RAM On-chip I/O registers H'00000 H'3FFFF H'40000 H'1FFFF H'20000 H'47FFF H'48000 H'5FFFF H'60000 H'6FFFF H'70000 H'7FFFF H'E0000 H'E7FFF H'FFFFF The bus width and the number of access states of the on-chip memories and I/O registers are fixed; they cannot be changed by register setting. Note: Figure 6.10 Memory Map (H8/3022 Mode 5) |