| Moteur de recherche de fiches techniques de composants électroniques |
|
H8/3021 Fiches technique(PDF) 143 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3021 Fiches technique(HTML) 143 Page - Renesas Technology Corp |
|
143 / 712 page ![]() 6. Bus Controller Rev.2.00 Mar. 22, 2007 Page 119 of 684 REJ09B0352-0200 6.3.3 Wait Modes Four wait modes can be selected for each area as shown in table 6.4. Table 6.4 Wait Mode Selection ASTCR WCER WCR ASTn Bit WCEn Bit WMS1 Bit WMS0 Bit WSC Control Wait Mode 0 — — — Disabled No wait states 1 0 — — Disabled Pin wait mode 0 1 0 0 Enabled Programmable wait mode 1 Enabled No wait states 1 0 Enabled Pin wait mode 1 1 Enabled Pin auto-wait mode Note: n = 0 to 7 The ASTn and WCEn bits can be set independently for each area. Bits WMS1 and WMS0 apply to all areas. All areas for which WSC control is enabled operate in the same wait mode. |