| Moteur de recherche de fiches techniques de composants électroniques |
|
H8/3021 Fiches technique(PDF) 133 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3021 Fiches technique(HTML) 133 Page - Renesas Technology Corp |
|
133 / 712 page ![]() 6. Bus Controller Rev.2.00 Mar. 22, 2007 Page 109 of 684 REJ09B0352-0200 6.1.3 Pin Configuration Table 6.1 summarizes the bus controller’s input/output pins. Table 6.1 Bus Controller Pins Name Abbreviation I/O Function Address strobe AS Output Strobe signal indicating valid address output on the address bus Read RD Output Strobe signal indicating reading from the external address space Write WR Output Strobe signal indicating writing to the external address space, with valid data on the data bus(D 7 to D0) Wait WAIT Input Wait request signal for access to external three- state-access areas 6.1.4 Register Configuration Table 6.2 summarizes the bus controller’s registers. Table 6.2 Bus Controller Registers Address* Name Abbreviation R/W Initial Value H'FFED Access state control register ASTCR R/W H'FF H'FFEE Wait control register WCR R/W H'F3 H'FFEF Wait state controller enable register WCER R/W H'FF H'FFF3 Address control register ADRCR R/W H'FE Note: * Lower 16 bits of the address. |