| Moteur de recherche de fiches techniques de composants électroniques |
|
H8/3021 Fiches technique(PDF) 631 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3021 Fiches technique(HTML) 631 Page - Renesas Technology Corp |
|
631 / 712 page ![]() Appendix B. Internal I/O Register Field Rev.2.00 Mar. 22, 2007 Page 607 of 684 REJ09B0352-0200 TIOR0—Timer I/O Control Register 0 H'65 ITU0 Bit Initial value Read/Write 7 — 1 — 6 IOB2 0 R/W 5 IOB1 0 R/W 4 IOB0 0 R/W 3 — 1 — 0 IOA0 0 R/W 2 IOA2 0 R/W 1 IOA1 0 R/W I/O control A2 to A0 IOA2 1 GRA Function GRA is an output compare register GRA is an input capture register IOA1 0 1 0 1 Bit 1 IOA0 0 1 0 1 0 1 Bit 0 0 1 0 Bit 2 No output at compare match 0 output at GRA compare match 1 output at GRA compare match Output toggles at GRA compare match GRA captures rising edge of input GRA captures falling edge of input GRA captures both edges of input I/O control B2 to B0 IOB2 1 GRB Function GRB is an output compare register GRB is an input capture register IOB1 0 1 0 1 Bit 5 IOB0 0 1 0 1 0 1 Bit 4 0 1 0 Bit 6 No output at compare match 0 output at GRB compare match 1 output at GRB compare match Output toggles at GRB compare match GRB captures rising edge of input GRB captures falling edge of input GRB captures both edges of input |