| Moteur de recherche de fiches techniques de composants électroniques |
|
H8/3021 Fiches technique(PDF) 619 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3021 Fiches technique(HTML) 619 Page - Renesas Technology Corp |
|
619 / 712 page ![]() Appendix B. Internal I/O Register Field Rev.2.00 Mar. 22, 2007 Page 595 of 684 REJ09B0352-0200 B.2 Function TSTR Timer Start Register H'60 ITU (all channels) Register name Address to which the register is mapped Name of on-chip supporting module Register acronym Bit numbers Initial bit values Names of the bits. Dashes (—) indicate reserved bits. Full name of bit Descriptions of bit settings Read only Write only Read and write R W R/W Possible types of access Bit Initial value Read/Write 7 — 1 — 6 — 1 — 5 — 1 — 4 STR4 0 R/W 3 STR3 0 R/W 0 STR0 0 R/W 2 STR2 0 R/W 1 STR1 0 R/W Counter start 0 0 TCNT0 is halted 1 TCNT0 is counting Counter start 3 0 TCNT3 is halted 1 TCNT3 is counting Counter start 1 0 TCNT1 is halted 1 TCNT1 is counting Counter start 2 0 TCNT2 is halted 1 TCNT2 is counting Counter start 4 0 TCNT4 is halted 1 TCNT4 is counting |