| Moteur de recherche de fiches techniques de composants électroniques |
|
H8/3021 Fiches technique(PDF) 611 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3021 Fiches technique(HTML) 611 Page - Renesas Technology Corp |
|
611 / 712 page ![]() Appendix A. Instruction Set Rev.2.00 Mar. 22, 2007 Page 587 of 684 REJ09B0352-0200 Instruction Mnemonic Instruction Fetch I Branch Addr. Read J Stack Operation K Byte Data Access L Word Data Access M Internal Operation N SUBX SUBX #xx:8, Rd 1 SUBX Rs, Rd 1 TRAPA TRAPA #x:2 Normal 2 1 2 4 Advanced 2 2 2 4 XOR XOR.B #xx:8, Rd 1 XOR.B Rs, Rd 1 XOR.W #xx:16, Rd 2 XOR.W Rs, Rd 1 XOR.L #xx:32, ERd 3 XOR.L ERs, ERd 2 XORC XORC #xx:8, CCR 1 Notes: 1. n is the value set in register R4L or R4. The source and destination are accessed n+1 times each. 2. Not used with this LSI. |