| Moteur de recherche de fiches techniques de composants électroniques |
|
H8/3021 Fiches technique(PDF) 583 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3021 Fiches technique(HTML) 583 Page - Renesas Technology Corp |
|
583 / 712 page ![]() Appendix A. Instruction Set Rev.2.00 Mar. 22, 2007 Page 559 of 684 REJ09B0352-0200 Appendix A Instruction Set A.1 Instruction List Operand Notation Symbol Description Rd General destination register* Rs General source register* Rn General register* ERd General destination register (address register or 32-bit register) ERs General source register (address register or 32-bit register) ERn General register (32-bit register) (EAd) Destination operand (EAs) Source operand PC Program counter SP Stack pointer CCR Condition code register N N (negative) flag in CCR Z Z (zero) flag in CCR V V (overflow) flag in CCR C C (carry) flag in CCR disp Displacement → Transfer from the operand on the left to the operand on the right, or transition from the state on the left to the state on the right + Addition of the operands on both sides – Subtraction of the operand on the right from the operand on the left × Multiplication of the operands on both sides ÷ Division of the operand on the left by the operand on the right ∧ Logical AND of the operands on both sides ⁄ Logical OR of the operands on both sides ⊕ Exclusive logical OR of the operands on both sides ¬ NOT (logical complement) ( ), < > Contents of operand Note: * General registers include 8-bit registers (R0H to R7H and R0L to R7L) and 16-bit registers (R0 to R7 and E0 to E7). |