Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

H8/3021 Fiches technique(PDF) 524 Page - Renesas Technology Corp

No de pièce H8/3021
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3021 Fiches technique(HTML) 524 Page - Renesas Technology Corp

Back Button H8/3021 Datasheet HTML 520Page - Renesas Technology Corp H8/3021 Datasheet HTML 521Page - Renesas Technology Corp H8/3021 Datasheet HTML 522Page - Renesas Technology Corp H8/3021 Datasheet HTML 523Page - Renesas Technology Corp H8/3021 Datasheet HTML 524Page - Renesas Technology Corp H8/3021 Datasheet HTML 525Page - Renesas Technology Corp H8/3021 Datasheet HTML 526Page - Renesas Technology Corp H8/3021 Datasheet HTML 527Page - Renesas Technology Corp H8/3021 Datasheet HTML 528Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 524 / 712 page
background image
15. ROM
Rev.2.00 Mar. 22, 2007 Page 500 of 684
REJ09B0352-0200
15.14
Notes when Converting the F-ZTAT Application Software to the
Mask-ROM Versions
Please note the following when converting the F-ZTAT application software to the mask-ROM
versions.
The values read from the internal registers for the flash ROM or the mask-ROM version and
F-ZTAT version differ as follows.
Status
Register
Bit
F-ZTAT Version
Mask-ROM Version
FLMCR1
FWE
0: Application software running
1: Programming
0: Is not read out
1: Application software running
Note:
This difference applies to all the F-ZTAT versions and all the mask-ROM versions that have
different ROM size.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More