| Moteur de recherche de fiches techniques de composants électroniques |
|
H8/3021 Fiches technique(PDF) 505 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3021 Fiches technique(HTML) 505 Page - Renesas Technology Corp |
|
505 / 712 page ![]() 15. ROM Rev.2.00 Mar. 22, 2007 Page 481 of 684 REJ09B0352-0200 15.8 Protection There are three kinds of flash memory program/erase protection: hardware protection, software protection, and error protection. 15.8.1 Hardware Protection Hardware protection refers to a state in which programming/erasing of flash memory is forcibly disabled or aborted. Hardware protection is reset by settings in flash memory control register 1 (FLMCR1), erase block register 1 (EBR1), and erase block register 2 (EBR2). In the error- protected state, the FLMCR1, FLMCR2, EBR1, and EBR2 settings are retained; the P bit and E bit can be set, but a transition is not made to program mode or erase mode. (See table 15.11.) |