| Moteur de recherche de fiches techniques de composants électroniques |
|
H8/3021 Fiches technique(PDF) 473 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3021 Fiches technique(HTML) 473 Page - Renesas Technology Corp |
|
473 / 712 page ![]() 15. ROM Rev.2.00 Mar. 22, 2007 Page 449 of 684 REJ09B0352-0200 15.2.3 On-Board Programming Modes Boot Mode (Example) Flash memory H8/3022 RAM Host Programming control program SCI Application program (old version) New application program Flash memory H8/3022 RAM Host SCI Application program (old version) Boot program area New application program Flash memory H8/3022 RAM Host SCI Flash memory preprogramming erase Boot program New application program Flash memory H8/3022 Program execution state RAM Host SCI New application program Boot program Programming control program 1. Initial state The old program version or data remains written in the flash memory. The user should prepare the programming control program and new application program beforehand in the host. 2. Programming control program transfer When boot mode is entered, the boot program in the H8/3022 (originally incorporated in the chip) is started and the programming control program in the host is transferred to RAM via SCI communication. The boot program required for flash memory erasing is automatically transferred to the RAM boot program area. 3. Flash memory initialization The erase program in the boot program area (in RAM) is executed, and the flash memory is initialized (to H'FF). In boot mode, total flash memory erasure is performed, without regard to blocks. 4. Writing new application program The programming control program transferred from the host to RAM is executed, and the new application program in the host is written into the flash memory. Programming control program Boot program Boot program Boot program area Boot program area Programming control program |