| Moteur de recherche de fiches techniques de composants électroniques |
|
H8/3021 Fiches technique(PDF) 466 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3021 Fiches technique(HTML) 466 Page - Renesas Technology Corp |
|
466 / 712 page ![]() 14. RAM Rev.2.00 Mar. 22, 2007 Page 442 of 684 REJ09B0352-0200 14.1.1 Block Diagram Figure 14.1 shows a block diagram of the on-chip RAM. H'FDF10 H'FDF12* * H'FFF0E * H'FDF11 H'FDF13 * * H'FFF0F * Bus interface SYSCR On-chip RAM Even addresses Odd addresses Legend SYSCR: System control register Note: * Lower 20 bits of the address Internal data bus (upper 8 bits) Internal data bus (lower 8 bits) Figure 14.1 RAM Block Diagram (H8/3022 in Modes 1, 5, 6 and 7) 14.1.2 Register Configuration The on-chip RAM is controlled by the system control register (SYSCR). Table 14.2 gives the address and initial value of SYSCR. Table 14.2 RAM Control Register Address* Name Abbreviation R/W Initial Value H'FFF2 System control register SYSCR R/W H'0B Note: * Lower 16 bits of the address |