| Moteur de recherche de fiches techniques de composants électroniques |
|
H8/3021 Fiches technique(PDF) 444 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3021 Fiches technique(HTML) 444 Page - Renesas Technology Corp |
|
444 / 712 page ![]() 13. A/D Converter Rev.2.00 Mar. 22, 2007 Page 420 of 684 REJ09B0352-0200 13.1.2 Block Diagram Figure 13.1 shows a block diagram of the A/D converter. Module data bus Internal data bus 10-bit D/A AV AV CC SS Analog multi- plexer AN AN AN AN AN AN AN AN 0 1 2 3 4 5 6 7 Sample-and- hold circuit Comparator + – Control circuit ADTRG φ/8 φ/16 ADI interrupt Legend ADCR: ADCSR: ADDRA: ADDRB: ADDRC: ADDRD: A/D control register A/D control/status register A/D data register A A/D data register B A/D data register C A/D data register D Figure 13.1 A/D Converter Block Diagram |