Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

H8/3021 Fiches technique(PDF) 437 Page - Renesas Technology Corp

No de pièce H8/3021
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3021 Fiches technique(HTML) 437 Page - Renesas Technology Corp

Back Button H8/3021 Datasheet HTML 433Page - Renesas Technology Corp H8/3021 Datasheet HTML 434Page - Renesas Technology Corp H8/3021 Datasheet HTML 435Page - Renesas Technology Corp H8/3021 Datasheet HTML 436Page - Renesas Technology Corp H8/3021 Datasheet HTML 437Page - Renesas Technology Corp H8/3021 Datasheet HTML 438Page - Renesas Technology Corp H8/3021 Datasheet HTML 439Page - Renesas Technology Corp H8/3021 Datasheet HTML 440Page - Renesas Technology Corp H8/3021 Datasheet HTML 441Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 437 / 712 page
background image
12. Smart Card Interface
Rev.2.00 Mar. 22, 2007 Page 413 of 684
REJ09B0352-0200
TDR
TSR
(shift register)
(1) Data write
(2) Transfer from
TDR to TSR
(3) Serial data output
Data 1
Data 1
Data 1
Data 1
; Data remains in TDR
I/O signal line output
In case of normal transmission: TEND flag is set
In case of transmit error:
ERS flag is set
Steps (2) and (3) above are repeated until the TEND flag is set
Data 1
Note: When the ERS flag is set, it should be cleared until transfer of the last bit (D7 in LSB-first
transmission, D0 in MSB-first transmission) of the next transfer data has been completed.
Figure 12.5 Relation Between Transmit Operation and Internal Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More